Part Number Hot Search : 
XXXZZ UF101 SST32 EL5203IY 28F80 SUP70N 22000 4ALVCH
Product Description
Full Text Search
 

To Download KSH15A09 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SBD
T y p e : KSH15A09 H15A0 A09
OULINE DRAWING
FEATURES * Similar to TO-247AC(TO-3P)Case * Low Forward Voltage Drop * Low Power Loss,High Efficiency * High Surge Current Capability * Tj=150C operation
Maximum Ratings
Rating Repetitive Peak Reverse Voltage
Average Rectified Output Current RMS Forward Current Surge Forward Current Operating JunctionTemperature Range Storage Temperature Range Mounting torque
Approx Net Weight: 5.5g
Symbol VRRM
IO IF(RMS) IFSM Tjw Tstg Ftor 250 15
KSH15A09 90 50 Hz half Sine Wave Tc=120C Resistive Load 23.5 50Hz Half Sine Wave ,1cycle Non-repetitive -40 to +150 -40 to +150 recommended torque = 0.5
Unit V A A A
C C N*m
Electrical * Thermal Characteristics
Characteristics Peak Reverse Current Peak Forward Voltage Thermal Resistance Junction to Case Symbol Conditions Min. Typ. Max. 2.0 0.88 2.0 Unit mA V C /W IRM Tj= 25C, VRM= VRRM VFM Tj= 25C, IFM= 15 A Rth(j-c) Junction to Case
KSH15A09 OUTLINE DRAWING (Dimention in mm)
FORWARD CURRENT VS. VOLTAGE
KSH15A09/KSH15A09B
100
INSTANTANEOUS FORWARD CURRENT (A)
50
20 Tj=25C Tj=150C 10
5
2
1 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4
INSTANTANEOUS FORWARD VOLTAGE (V)
0
180
CONDUCTION ANGLE
AVERAGE FORWARD POWER DISSIPATION
KSH15A09/KSH15A09B
AVERAGE FORWARD POWER DISSIPATION (W)
D.C.
16
RECT 180
12
RECT 60
HALF SINE WAVE RECT 120
8
4
0 0 4 8 12 16 20 24
AVERAGE FORWARD CURRENT (A)
PEAK REVERSE CURRENT VS. PEAK REVERSE VOLTAGE
Tj= 150 C 50 KSH15A09/KSH15A09B
PEAK REVERSE CURRENT (mA)
20
10 0 20 40 60 80 100
PEAK REVERSE VOLTAGE (V)
AVERAGE REVERSE POWER DISSIPATION
KSH15A09/KSH15A09B
4.0
AVERAGE REVERSE POWER DISSIPATION (W)
3.5 3.0 2.5 2.0
D.C.
RECT 300
RECT 240
RECT 180
1.5
HALF SINE WAVE
1.0 0.5 0 0 20 40 60 80 100
REVERSE VOLTAGE (V)
0
180
CONDUCTION ANGLE
AVERAGE FORWARD CURRENT VS. CASE TEMPERATURE
V RM =90 V KSH15A09/KSH15A09B
24
D.C.
AVERAGE FORWARD CURRENT (A)
20
RECT 180
16
HALF SINE WAVE RECT 120
12
RECT 60
8
4
0 0 25 50 75 100 125 150
CASE TEMPERATURE (C)
SURGE CURRENT RATINGS
f=50Hz,Sine Wave,Non-Repetitive,No Load 300 KSH15A09/KSH15A09B
SURGE FORWARD CURRENT (A)
250
200
150
100
50
0.02s
I FSM
0 0.02
0.05
0.1
0.2
0.5
1
2
TIME (s)
JUNCTION CAPACITANCE VS. REVERSE VOLTAGE
Tj=2 5 C,V m = 20m V RM S ,f= 100 kHz ,Ty pica l V alue KSH15A09/KSH15A09B
1000
JUNCTION CAPACITANCE (pF)
500
200
100 0.5 1 2 5 10 20 50 100
REVERSE VOLTAGE (V)


▲Up To Search▲   

 
Price & Availability of KSH15A09

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X